|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com 5mm LED CBI(R) Circuit Board Indicator Vertical, Various Heights 5.00 [.197] 561-xx0x-xxx PART NO. COLOR Red INTEGRAL RESISTOR, 5 VOLTS 7.14 [.281] A HOUSING TYPE DIM. A -050 12.7 [.500] -070 17.8 [.700] -100 25.4 [1.00] 561-0104-XXX LOW CURRENT 2.54 [.100] 2.54 [.100] 3.68 [.145] CATHODE 561-1101-xxx 561-1201-xxx 561-1301-xxx HIGH EFFICIENCY Red Yellow Green Orange Red Green Yellow .508 [.020] 1.09 [.043] RECOMMENDED P.C. BOARD LAYOUT Dimensions in mm [inches] 561-0901-xxx 561-2101-xxx 561-2201-xxx 561-2301-xxx HIGH EFFICIENCY, TINTED, NON DIFFUSED Features * Multiple CBIs form horizontal LED arrays on 7.24mm (0.285") center-lines. * Housing stand-offs facilitate PCB cleaning * Solderability per MIL-STD-202F, method 208F * LEDs are safe for direct viewing per IEC 825-1, EN-60825-1 * High Contrast, UL 94 V-0 rated, black housing * Oxygen index: 29%(all sizes) 561-2401-xxx 561-2501-xxx 561-2601-xxx SUPER BRIGHT, DIFFUSED Red Green Yellow 561-5101-xxx 561-5201-xxx 561-5301-xxx SUPER BRIGHT, WATER CLEAR (Non-Tinted, Non-Diffused) Red Green Yellow Custom Devices * Contact factory for other LED types or alternate heights 561-5501-xxx 561-5601-xxx 561-5701-xxx BI-COLOR Red Green Yellow 6 NEW NEW Tolerance note: As noted, otherwise: * LED Protrusion: 0.04 mm [0.016] * CBI Housing: 0.02mm[0.008] 561-3001-xxx 561-3101-xxx PART NUMBER ORDERING CODE LED Type Housing Height Red/Green Yellow/Green Series 561-xx0x-xxx DIM. A [+.010-.031] 050 = 12.7 [.500] 060 = 15.2 [.600] 070 = 17.8 [.700] 080 = 20.3 [.800] 090 = 22.9 [.900] 100 = 25.4 [1.00] Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com 6-23 www..com 561-xx0x-xxx Typical Operating Characteristics (TA=25C) INTEGRAL RESISTOR, 5 VOLTS Part Number 561-0104-XXX LOW CURRENT Part Number 561-1101-xxx 561-1201-xxx 561-1301-xxx Color Red Yellow Green Peak Wavelength nm 635 583 565 IV mcd 2 1.8 1.8 VF Volts 1.8 1.9 1.8 Test Current (mA) 2 2 2 Viewing Angle 21/2 50 50 50 LED Data sheet 521-9320 521-9321 521-9327 Page # 6-42 6-42 6-42 Color Red Peak Wavelength nm 635 IV mcd 8 Test Voltage 5 See LED data sheet for additional information See page 6-55 and 6-56 for Reference Only LED Drive Circuit Examples. See page 6-57 for Pin Out Forward Current (mA) 10 Viewing Angle 21/2 60 LED Data sheet 521-9183 Page # 6-41 HIGH EFFICIENCY Part Number 561-0901-xxx 561-2101-xxx 561-2201-xxx 561-2301-xxx * IF = 20mA Color Orange Red Green Yellow Peak Wavelength nm 600 635 565 590 IV mcd 7 7 32 10 VF Volts 1.9 2.2 2* 2.4* Test Current (mA) 10 10 10 10 Viewing Angle 21/2 60 60 50 70 LED Data sheet 521-9704 521-9246 5HD-9270-2 5HD-9271-2 Page # 6-43 6-43 6-49 6-49 HIGH EFFICIENCY, TINTED, NON-DIFFUSED Part Number 561-2401-xxx 561-2501-xxx 561-2601-xxx Color Red Green Yellow Peak Wavelength nm 635 565 583 IV mcd 60 70 50 VF Volts 2.2 2.3 2.2 Test Current (mA) 10 10 10 Viewing Angle 21/2 35 24 35 LED Data sheet 521-9247 521-9251 521-9249 Page # 6-44 6-44 6-44 SUPER BRIGHT, DIFFUSED Part Number 561-5101-xxx 561-5201-xxx 561-5301-xxx Color Red Green Yellow Peak Wavelength nm 650 563 585 IV mcd 34 34 34 VF Volts 2.1 2.2 2.2 Test Current (mA) 20 20 20 Viewing Angle 21/2 50 50 50 LED Data sheet 5SD-9441 5SD-9456 5SD-9455 Page # 6-53 6-53 6-53 SUPER BRIGHT, WATER CLEAR (NON-TINTED, NON-DIFFUSED) Part Number 561-5501-xxx 561-5601-xxx 561-5701-xxx BI-COLOR Part Number Color Peak Wavelength nm 660/565 585/565 IV mcd 90/40 8.7/8.7 VF Volts 1.8/2.1 2.1/2.1 Test Current (mA) 20 20 Viewing Angle 21/2 60 50 LED Data sheet 521-9651 521-9724 Page # 6-46 6-46 Color Red Green Yellow Peak Wavelength nm 635 565 583 IV mcd 125 120 140 VF Volts 2.2 2.3 2.2 Test Current (mA) 20 20 20 Viewing Angle 21/2 24 24 24 LED Data sheet 521-9464 521-9465 521-9466 Page # 6-47 6-47 6-47 561-3001-xxx Red/Green 561-3101-xxx Yellow/Green 6-24 Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com www..com 5mm Discrete LED Integral Resistor, 5 Volts Diffused 521-9183, -9284 5.84 [.230] 9.19 [.362] 8.43 [.332] .76 [.030] PART NO. 521-9183 521-9284 2.54 [.100] LED COLOR Red Yellow .64 [.025] 5.08 [.200] 4.57 [.180] 1.0 [.040] MAX 25.1 [1.00] MIN 1.27 [.050] 1.0 [.040] MAX CATHODE Dimensions in mm [inches] MOUNTING CLIP: 515-0004 located on page 6-48 Red Yellow ABSOLUTE MAXIMUM RATINGS (TA=25C) Forward Voltage (V) Derating (V/C) From 50C Operating Temperature (C) Storage Temperature (C) Soldering Temperature Solder Adherence per MIL-STD-202E, Method 208C -9183 7.5 .071 -40/+85 -55/+100 -9284 7.5 .071 -40/+85 -55/+100 260C, 5 seconds, 1.6 mm from case Red Yellow OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) Min. VF = 5V Typical Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Current (I) VF = 5V Reverse Voltage (V), IR=100A Typical Typical Typical Max Min. -9183 2 8 635 60 10 15 5 -9284 2 8 583 60 10 15 5 6 is the off axis angle at which the luminous intensity is half the axial luminous intensity Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com 6-41 www..com 5mm Discrete LED Low Current, 2mA Diffused 8.81 [.347] .76 [.030] .46 [.018] 5.84 [.230] 521-9320, -9321, -9327 PART NO. 521-9320 521-9321 521-9327 COLOR Red Yellow Green 4.83 [.190] 1.0 [.040] MAX 25.1 [1.00] MIN 1.27 [.050] 2.54 [.100] 1.0 [.040] MAX CATHODE Dimensions in mm [inches] MOUNTING CLIP: 515-0004 located on page 6-48 Red Yellow Green ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dssipation (mW) Derating (mA/C) From 92C Forward Current (mA) Peak Current (mA) Pulse width = 10 s Operating Temperature (C) Storage Temperature (C) Soldering Temperature Solder Adherence per MIL-STD-202E, Method 208C -9320 27 1 7 500 -55/+100 -55/+100 -9321 36 1 7 500 -55/+100 -55/+100 -9327 24 1 7 500 -55/+100 -55/+100 260C, 5 seconds, 1.6 mm from case Red Yellow Green OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=2mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=2mA Reverse Voltage (V), IR=50A -9320 Min. Typical Typical Typical Typical Max. Min. 1.2 2 635 50 1.8 2.2 5 -9321 1.2 1.8 583 50 1.9 2.7 5 -9327 1.2 1.8 565 50 1.8 2.2 5 is the off axis angle at which the luminous intensity is half the axial luminous intensity 6-42 Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com www..com 5mm Discrete LED High Efficiency Diffused 8.81 [.347] .76 [.030] 521-9246, -9248, -9250, -9704 5.84 [.230] .46 [.018] 4.83 [.190] 1.0 [.040] MAX 1.27 [.050] 25.1 [1.00] MIN 2.54 [.100] PART NO. 521-9246 521-9248 521-9250 521-9704 COLOR Red Yellow Green Orange CATHODE Dimensions in mm [inches] MOUNTING CLIP: 515-0004 located on page 6-48 Red Yellow Green Orange ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Derating (mW/C) From 25C 1. (mA/C) From 50C Forward Current (mA) Peak Current (mA) Pulse width = 10s -9246 135 1.8 25 500 -55/+100 -55/+100 -9248 85 1.6 20 500 -55/+100 -55/+100 -9250 135 1.8 25 500 -20/+100 -55/+100 -9704 135 .51 30 500 -55/+100 -55/+100 Operating Temperature (C) Storage Temperature (C) Soldering Temperature Solder Adherence per MIL-STD-202E, Method 208C 260C, 5 seconds, 1.6 mm from case Red Yellow Green Orange OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=10mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=10mA Reverse Voltage (V), IR=100A Min. Typical Typical Typical Typical Max. Min. -9246 4 7 635 60 2.2 3 5 -9248 4 8 583 60 2.2 3 5 -9250 4.2 5.2 565 60 2.3 3 5 -9704 4 7 600 60 1.9 2.4 5 6 is the off axis angle at which the luminous intensity is half the axial luminous intensity Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com 6-43 www..com 5mm Discrete LED Bi-Color Non-Tinted, Diffused 8.64[.340] 1.50 [.059] MAX 0.51 [.020] 5.59 [.220] 521-9651, -9724 PART NO. 521-9651 2.54 [.100] LED COLOR Red/Green Yellow/Green 5.00 [.197] 1.00 [.04] 521-9724 22.1 [.87] MIN. CATHODE GREEN, RED/GREEN BI-COLOR 521-9651 CATHODE YELLOW, YELLOW/GREEN BI-COLOR 521-9724 MOUNTING CLIP: 515-0005 located on page 6-48 Red/Green Yellow/Green Dimensions in mm [inches] ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Forward Current (mA) Derating (mA/C) From 50C Peak Current (mA) Pulse width = 100 s -9651 100/100 40/30 .5/.4 200/120 -55/+100 -55/+100 -9724 60/100 20/30 .25/.40 80/120 -55/+100 -55/+100 Operating Temperature (C) Storage Temperature (C) Soldering Temperature Solder Adherence per MIL-STD-202E, Method 208C 260C, 5 seconds, 1.6 mm from case Red/Green Yellow/Green OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Min. Typical Typical Typical Typical Max. -9651 29/12.6 90/40 660/565 60 1.8/2.1 2.4/2.8 -9724 2.5/2.5 8.7/8.7 585/565 50 2.1/2.1 2.8/2.8 is the off axis angle at which the luminous intensity is half the axial luminous intensity 6-46 Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com www..com 5mm Discrete LED Super Bright, Water Clear Non-Tinted, Non-Diffused 8.81 [.347] 1.0 [.040] MAX 5.84 [.230] 521-9464,-9465,-9466 PART NO. 521-9464 521-9465 521-9466 COLOR Red Green Yellow 4.83 [.190] 2.54 [.100] 1.27 [.050] TYP 25.35 [.998] MIN CATHODE .46 [.018] SQ. Dimensions in mm [inches] MOUNTING CLIP: 515-0004 located on page 6-48 Red Green Yellow ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Derating (mW/C) From 25C Forward Current (mA) Peak Current (mA) Pulse width = 10 s Operating Temperature (C) Storage Temperature (C) Soldering Temperature Solder Adherence per MIL-STD-202E, Method 208C 1. From 50 C -9464 135 1.8 30 500 -55/+100 -55/+100 -9465 135 1.8 30 500 -20/+100 -55/+100 -9466 85 1.61 20 500 -55/+100 -55/+100 260 C, 5 seconds, 1.6 mm from case Red Green Yellow OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Reverse Voltage (V), IR=100A -9464 Min. Typical Typical Typical Typical Max. Min. 80 125 635 24 2.2 3 5 -9465 80 120 565 24 2.3 3 5 -9466 80 140 583 24 2.2 3 5 6 is the off axis angle at which the luminous intensity is half the axial luminous intensity Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com 6-47 www..com 5mm High Efficiency Diffused TYPE *5HD-9269 *5HD-9270-2 *5HD-9270-5 *5HD-9271-2 *5HD-9271-5 5HD-xxxx COLOR Red Green Green Yellow Yellow * NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY. ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Derating (mW/C) From 50C 1. From 40C Forward Current (mA) Derating (mA/C) From 25C Peak Current (mA) Pulse width = 1s Red Green Green Yellow Yellow -9269 60 1 .66 20 60 -25/+85 -30/+100 -9270-2 140 40 .6 500 -55/+100 -55/+100 -9270-5 75 1 .66 25 60 -25/+85 -30/+100 -9271-2 200 60 .8 1000 -55/+100 -55/+100 -9271-5 60 1 .66 20 60 -25/+85 -30/+100 Operating Temperature (C) Storage Temperature (C) Soldering Temperature Solder Adherence per MIL-STD-202E, Method 208C 260C, 5 seconds, 1.6 mm from case 6 OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=10mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) I F=10mA, *IF=20mA Reverse Voltage (V), IR=100A *IR=10A Min. Typical Typical Typical Typical Max. Min. Red Green Green Yellow Yellow -9269 2.2 7 650 50 2.2 2.5 5 -9270-2 4 32 565 50 2* 2.6* 5* -9270-5 3.6 10 563 65 2.1 3 3* -9271-2 4 10 590 70 2.4* 3* 5* -9271-5 2.2 6.3 585 50 2.1 3 3 is the off axis angle at which the luminous intensity is half the axial luminous intensity Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com 6-49 www..com 5mm General Purpose Diffused TYPE *5ND-9672 *5ND-9673 *5ND-9674 5ND-xxxx COLOR Red Yellow Green * NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY. Red Yellow Green ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Forward Current (mA) Derating (mA/C) From 25C Peak Current (mA) Pulse width = 10 s -9672 80 40 .5 200 -55/+100 -55/+100 -9673 60 20 .25 80 -55/+100 -55/+100 -9674 100 30 .4 120 -55/+100 -55/+100 Operating Temperature (C) Storage Temperature (C) Soldering Temperature Solder Adherence per MIL-STD-202E, Method 208C 260C, 5 seconds, 1.6 mm from case Red Yellow Green OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Reverse Voltage (V), IR=100A Min. Typical Typical Typical Typical Max. Min. -9672 3.5 12.3 635 60 2 2.8 5 -9673 3.5 12.3 585 60 2.1 2.8 5 -9674 3.5 12.3 565 60 2.1 2.8 5 6 is the off axis angle at which the luminous intensity is half the axial luminous intensity Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com 6-51 www..com 5mm Integral Resistor Diffused TYPE *5RD-9378 *5RD-9379 *5RD-9422 *5RD-9423 5RD-xxxx COLOR Green Yellow Red Green VOLTS 12 12 5 5 * NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY. ABSOLUTE MAXIMUM RATINGS (TA=25C) Forward Voltage (V) *(TA=70C) Operating Temperature (C) Storage Temperature (C) Soldering Temperature Solder Adherence per MIL-STD-202E, Method 208C Green 12V Yellow 12V Red 5V Green 5V -9378 15* -20/+85 -55/+100 -9379 15 -40/+85 -55/+100 -9422 7.5 -40/+85 -55/+100 -9423 7.5 -20/+85 -55/+100 260C, 5 seconds, 1.6 mm from case OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) VF=5V, *VF=12V Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Current (mA), VF=5V *VF=12V Reverse Voltage (V), IR=100A Min. Typical Typical Typical Typical Max. Typical Green 12V Yellow 12V Red 5V Green 5V -9378 1.5* 4* 565 60 13* 20* 5 -9379 1.5* 4* 583 60 13* 20* 5 -9422 1 2 655 60 13 20 5 -9423 2 8 565 60 12 15 5 is the off axis angle at which the luminous intensity is half the axial luminous intensity 6-52 Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com www..com 5mm Super Bright LED Diffused TYPE *5SD-9441 *5SD-9455 *5SD-9456 5SD-xxxx COLOR Red Yellow Green * NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY. ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Forward Current (mA) Derating (mA/C) From 50C Peak Current (mA) Pulse width = 1 ms *(mW/C) From 40C Red -9441 75 25 .66* 60 -55/+100 -55/+100 Yellow -9455 75 25 .5 60 -55/+100 -55/+100 Green -9456 75 25 .5 60 -55/+100 -55/+100 Operating Temperature (C) Storage Temperature (C) Soldering Temperature Solder Adherence per MIL-STD-202E, Method 208C 260C, 5 seconds, 1.6 mm from case OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Reverse Voltage (V), IR=10A Red -9441 Min. Typical Typical Typical Typical Max. Min. 17 34 650 50 2.1 2.55 3 Yellow -9455 17 34 585 50 2.2 3 3 Green -9456 17 34 563 50 2.2 3 3 6 is the off axis angle at which the luminous intensity is half the axial luminous intensity Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com 6-53 |
Price & Availability of 561-0104-XXX |